PART |
Description |
Maker |
PWE4812D-3W |
DUAL OUTPU DIP PACKAGE DC-DC CONVERTER
|
MORNSUN Science& Techno...
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
TLV752600LBFNKXXHE-PF TLV752600MBFNKXXHL-PF TLV752 |
TCXO/VC┸TCXO 7.0 x 5.0mm LVDS outpu
|
Advanced Crystal Techno...
|
MAX5304 MAX5304CUA MAX5304EUA |
10-Bit Voltage-Output DAC in 8-Pin レMAX 10位、电压输出DAC引脚µMAX封装 10-Bit Voltage-Output DAC in 8-Pin μMAX 10-Bit Voltage-Output DAC in 8-Pin MAX 10-Bit Voltage-Output DAC in 8-Pin µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
MAX5202ACUB MAX5203ACUB MAX5200ACUB MAX5201ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX SERIAL INPUT LOADING, 25 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ??AX
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
FXLA108 FXLA108BQX |
Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
28C17A-25/SO 28C17A-25/J 28C17A-25I/J 28C17A-25I/S |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Octal, Serial, 8-Bit DAC with Output Buffers Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
1.5KE62 1.5KE30 1.5KE6.8A 1.5KE8.2A 1.5KE9.1A 1.5K |
20-Bit Dual Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceive W/Configurable Voltage Translation and 3-State 48-TSSOP -40 to 85 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-SOIC -40 to 85 Unidirectional and bidirectional Transient Voltage Suppressor diodes 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 83-BGA MICROSTAR JUNIOR -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 24-QFN -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-VQFN -40 to 85 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT-23 -40 to 85
|
SEMIKRON INTERNATIONAL
|